Part Number Hot Search : 
0555DP 2SA110 MC6800CP 15015 5004GW AD565 ASP0955 125303U0
Product Description
Full Text Search
 

To Download STR7100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 qSTR7000+SI-8020 Series
STR7000+SI-8020 Series
Separate Excitation Switching Type
sFeatures
* * * * * * * * High output current (6A:STR7000 series, 12A: STR7100 series) High efficiency (70 to 90%) Wide DC input voltage range Built-in drooping type overcurrent protection circuit Foldback type overcurrent protection can be set externally. Output voltage adjustment Built-in reference oscillator (35kHz) Output ON/OFF control
sApplications
* Electronic equipment
sLineup
VO (V) IO (A) 6 12 5 STR7001+SI-8020 STR7101+SI-8020 12 STR7002+SI-8021 STR7102+SI-8021 15 STR7002+SI-8022 STR7102+SI-8022 24 STR7003+SI-8023 STR7103+SI-8023
sAbsolute Maximum Ratings Power Section: STR7000/STR7100 (Ta=25C)
Parameter Power Transistor Breakdown Voltage Drive Transistor Breakdown Voltage Diode Breakdown Voltage Collector Current Power Dissipation Power Transistor Thermal Resistance Power Transistor Junction Temperature Operating Temperature Storage Temperature Symbol STR7000 Series V4-1 V4-5 V1-2 IC PD1 PD2 Rth(j-c) Tj TOP TStg 1.25 +150 -30 to +125(TC) -30 to +125 6(peak 7.5) 100(TC=25C) 60 60 60 12(peak 15) 125(TC=25C) 1.0 Ratings STR7100 Series V V V A W W C/W C C C Unit
4.3(Without heatsink)
sControl Section: SI-8020 Series (Ta=25C)
Paraneter DC Input Voltage Power Dissipation Operating Temperature Storage Temperature Symbol VIN PD TOP TStg Ratings 55 1 -20 to +85 -20 to +100 Unit V W C C
86
qSTR7000+SI-8020 Series
sElectrical Characteristics: 6A Type
Ratings Parameter DC Input Voltage Range Output Voltage Efficiency Switching Frequency Line Regulation Load Regulation Ripple Rejection Overcurrent Protection Starting Current Limited Current at Overcurrent Protection Operation Symbol VIN VO Conditions Conditions f Conditions VOLINE Conditions VOLOAD Conditions RREJ Conditions IS1 IS2 Conditions 6.0 6.0 RS=0.02 45 f=100 to 120HZ 7.5 7.5 6.0 6.0 RS=0.02 STR7001+SI-8020 min. 11 5.0 5.1 72 VIN=20V, IO=3.0A 35 VIN=20V, IO=3.0A 80 VIN=15 to 25V, IO=3.0A 30 VIN=20V, IO=1 to 5A 45 f=100 to 120HZ 7.5 7.5 6.0 6.0 RS=0.02 typ. max. 40 5.2 STR7002+SI-8021 min. 18 11.8 12.0 84 VIN=27V, IO=3.0A 35 VIN=27V, IO=3.0A 120 VIN=22 to 32V, IO=3.0A 40 VIN=27V, IO=1 to 5A 45 f=100 to 120HZ 7.5 7.5 6.0 6.0 RS=0.02 typ. max. 50 12.2 STR7002+SI-8022 min. 21 14.8 15.0 86 VIN=30V, IO=3.0A 35 VIN=30V, IO=3.0A 150 VIN=25 to 35V, IO=3.0A 40 VIN=30V, IO=1 to 5A 45 f=100 to 120HZ 7.5 7.5 typ. max. 50 15.2 STR7003+SI-8023 min. 30 23.7 24.0 90 VIN=40V, IO=3.0A 35 VIN=40V, IO=3.0A 200 VIN=35 to 45V, IO=3.0A 50 VIN=40V, IO=1 to 5A typ. max. 50 24.3
(Ta=25C)
Unit V V % kHZ mV mV dB A A
VIN=20V, IO=3.0A
VIN=27V, IO=3.0A
VIN=30V, IO=3.0A
VIN=40V, IO=3.0A
sElectrical Characteristics: 12A Type
Ratings Parameter DC Input Voltage Range Output Voltage Efficiency Switching Frequency Line Regulation Load Regulation Ripple Rejection Overcurrent Protection Starting Current Limited Current at Overcurrent Protection Operation Symbol VIN VO Conditions Conditions f Conditions VOLINE Conditions VOLOAD Conditions RREJ Conditions IS1 IS2 Conditions 12 12 RS=0.01 45 f=100 to 120HZ 15 15 12 12 RS=0.01 STR7101+SI-8020 min. 11 5.0 5.1 70 VIN=20V, IO=6.0A 35 VIN=20V, IO=6.0A 80 VIN=15 to 25V, IO=6.0A 30 VIN=20V, IO=3 to 9A 45 f=100 to 120HZ 15 15 12 12 RS=0.01 typ. max. 40 5.2 STR7102+SI-8021 min. 18 11.8 12.0 82 VIN=27V, IO=6.0A 35 VIN=27V, IO=6.0A 120 VIN=22 to 32V, IO=6.0A 40 VIN=27V, IO=3 to 9A 45 f=100 to 120HZ 15 15 12 12 RS=0.01 typ. max. 50 12.2 STR7102+SI-8022 min. 21 14.8 15.0 84 VIN=30V, IO=6.0A 35 VIN=30V, IO=6.0A 150 VIN=25 to 35V, IO=6.0A 40 VIN=30V, IO=3 to 9A 45 f=100 to 120HZ 15 15 typ. max. 50 15.2 STR7103+SI-8023 min. 30 23.7 24.0 87 VIN=40V, IO=6.0A 35 VIN=40V, IO=6.0A 200 VIN=35 to 45V, IO=6.0A 50 VIN=40V, IO=3 to 9A typ. max. 50 24.3
(Ta=25C)
Unit V V % kHZ mV mV dB A A
VIN=20V, IO=6.0A
VIN=27V, IO=6.0A
VIN=30V, IO=6.0A
VIN=40V, IO=6.0A
87
qSTR7000+SI-8020 Series
sOutline Drawing
STR7000/7100 Series
36.0 24.4
0.3 0.2
(unit: mm)
SI-8020 Series
6.0max. 2.0
0.2
30max.
6max.
3.20.1
30
0.3
12.0
1 Pin DOT
Lot Number
4.7max.
20.0min.
3.0 0.6 -0.1
+0.2
2.0
+0.2 1.0 -0.1
0.50.05 2.540.1 7max.
1
2
34
5
6
7
8
9 10
25max.
Part Number
21.2
0.3
Lot Number
Part Number
0.27
1.0
0.05
3.5
5.45x4 5.45
Plastic Mold Package Flammability: UL94V-0 Weight: Approx. 14.5g
q w e r t
SWOUT(backside of case) Fly Wheel(ground) Drive VIN GND
Plastic Mold Package (powder coating) Weight: Approx. 3.4g
sBlock Diagram
STR7000/7100 Series SI-8020 Series
VIN 4
SW.OUT 1
VIN 10
VOLTAGE REFERENCE and REGULATOR DEAD TIME CONTROLLED RAMP GENERATOR
9 OSC.OUT SHUT DOWN 7 VREF
PWM COMP
+ -
4.5
q
w
e
r
t
5 DRIVE
DRIVE 3
1 GND
IO AMP
VO AMP
+ -
+ -
2 VO ADJ
5 GND
2 F.WHEEL
4 CURR.SENSE
8 COMPENSATION. A
6 COMPENSATION. B
3 VO.SENSE
88
qSTR7000+SI-8020 Series
sStandard External Circuit
5V ... 200H 12V ... 250H 15V 24V ... 300H VO
VIN
4
1 SW VIN STR7000 STR7100 SERIES DRIVE 3
L
F/W 2
GND 5
* C5 330P
10 5 DRIVE VIN C.A SI-8020 SERIES C.B VREF GND 1 C.S VO.S 3 2 9 4 VO. ADJ OSC. OUT SHUT DOWN C4 1500F x 2 (parallel)
C1 2200F C2 330p
8 6 7 C3 10F
*C5 STR7100 Series only
RS 6A ... 0.02 12A ... 0.01
GND
sNotes of Pattern Design
1) Thick lines in the Standard External Circuit are lines through which a large current flows. Make these pattern lines as thick as possible. 2) Place capacitor C1 on the input side as closely as possible to terminals no.2 and no.4 of the STR7000/7100 series. C1 may be used in combination with a smoothing capacitor for rectifying, but the above points must be taken into consideration. In cases where C1 is not provided or it is placed too far from the terminals stated above, abnormal oscillation due to poorer transient response or increased ringing may occur. 3) Connect voltage sensing terminal VO.S and GND as closely as possible to output capacitor C4 (a current of approximately 1mA flows into the VO.S terminal). If they are placed too far from C4, abnormal oscillation due to decreased regulation or increased switching ripple may occur. 4) Connect current sensing terminal C.S and GND as closely as possible to the detection resistor Rs (a current of approximately 0.5mA flows from the CS terminal). If they are placed too far from Rs, a decrease of the overcurrent setting point due to the voltage drop in the pattern, or malfunction of the protection circuit due to increased ringing may occur.
sTa-PD Characteristics
STR7000 Series
40 200x300x2 35 200x200x2
STR7100 Series
40 35
Power Dissipation PD (W)
30 25 20 15 10 5 Without heatsink 0 -20 0 25 50 100x200x2
Power Dissipation PD (W)
Without Mica With Silicon Grease Heatsink: Aluminum Unit: mm
200x300x2 200x200x2
30 100x200x2 25 20 15 10 5 Without heatsink
Without Mica With Silicon Grease Heatsink: Aluminum Unit: mm
100x100x2 75x75x2
100x100x2 75x75x2
75
100
125
0 -20
0
25
50
75
100
125
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
89
qSTR7000+SI-8020 Series
sTypical Characteristics
(Ta=25C)
STR7001+SI-8020(5V)
Rise Characteristics
10
STR7002+SI-8021(12V)
Rise Characteristics
20
30
STR7003+SI-8023(24V)
Rise Characteristics
Output Voltage VO (V)
Output Voltage VO (V)
15
Output Voltage VO (V)
8
25
20
0.1 A
10
15
A 3A 6A
6A
0.1
IO=
4
IO=
3A 10
3A 5
2
5
0 0
2
4
6
8
10
12
14
16 18 20
0 0
5
10
15
20
25
30
35
40
45
0 0
5
10
15
20
6A
25 30
6
IO= 0.1 A
35
40
45
Input Voltage VIN (V)
Input Voltage VIN (V)
Input Voltage VIN (V)
Efficiency Characteristics
100 90 80
VIN=11V
Efficiency Characteristics
100 90
18V VIN=
30V
Efficiency Characteristics
100
40V
VIN=30V
90 50V 80
20V 80
Efficiency (%)
Efficiency (%)
70 60 50 40 30 0 0 1
30V 40V
50V
70 60 50 40 0 0
Efficiency (%)
40V 70 60 50 40 0 0
2
3
4
5
6
7
Output Current IO (A)
1
2
3
4
5
6
7
1
2
3
4
5
6
7
Output Current IO (A)
Output Current IO (A)
STR7101+SI-8020(5V)
Rise Characteristics
10
20
STR7102+SI-8021(12V)
Rise Characteristics
30
STR7103+SI-8023(24V)
Rise Characteristics
8
Output Voltage VO (V)
Output Voltage VO (V)
Output Voltage VO (V)
lo=
5 10 15 20
20
6
12 A
4
A
0.1
A
10
15
lo=
6A
10
12 A
2
lO=0.1
6A
5
5
0 0
2
4
6
8
10
12
14
16
18
20
0 0
5
10
15
20
25
30
35
40
45
0 0
25
12
30
A
35
15
0.1
A
25
40
45
Input Voltage VIN (V)
Input Voltage VIN (V)
Input Voltage VIN (V)
Efficiency Characteristics
100 90 80
Efficiency Characteristics
100 90 80
Efficiency Characteristics
100
90
VIN=30V
40V
VIN=18V
Efficiency (%)
Efficiency (%)
70 60 50 40 30 0 0 2 4 6 8 10
VIN=1 1V 20V 30V 40V
Efficiency (%)
70 60 50 40 0 0
30V 40V 50V
50V
80
70
60
50
12
14
2
4
6
8
10
12
14
0 0
2
4
6
8
10
12
14
Output Current IO (A)
Output Current IO (A)
Output Current IO (A)
90


▲Up To Search▲   

 
Price & Availability of STR7100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X